Part Number Hot Search : 
AD9847A SDP831 P25020 08A00 5011B D60NF55L CMM14 T1616
Product Description
Full Text Search
 

To Download VS-11DQ04TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vs-11dq03, vs-11dq03-m3, vs-11dq04, vs-11dq04-m3 www.vishay.com vishay semiconductors revision: 21-sep-11 1 document number: 93205 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 schottky rectifier, 1.1 a features ? low profile, axial leaded outline ? high frequency operation ? very low forward voltage drop ? high purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance ? guard ring for enhanced ruggedness and long term reliability ? compliant to rohs directive 2002/95/ec ? designed and qualifie d for commercial level ? halogen-free according to iec 61249-2-21 definition (-m3 only) description the vs-11dq... axial leaded schottky rectifier has been optimized for very low forwar d voltage drop, with moderate leakage. typical applications are in switching power supplies, converters, freewheeling diodes, and reverse battery protection. product summary package do-204al (do-41) i f(av) 1.1 a v r 30 v, 40 v v f at i f see electrical table i rm max. 6.0 ma at 125 c t j max. 150 c diode variation single die e as 3.0 mj cathode anode do-204al major ratings and characteristics symbol characteristics values units i f(av) rectangular waveform 1.1 a v rrm 30/40 v i fsm t p = 5 s sine 225 a v f 1 apk, t j = 25 c 0.55 v t j range - 40 to 150 c voltage ratings parameter symbol vs-11dq03 vs-11dq03-m3 vs -11dq04 vs-11dq04-m3 units maximum dc reverse voltage v r 30 30 40 40 v maximum working peak reverse voltage v rwm absolute maximum parameter symbol test conditions values units maximum average forward current see fig. 4 i f(av) 50 % duty cycle at t c = 75 c, rectangular waveform 1.1 a maximum peak one cycle non-repetitive surge current see fig. 6 i fsm 5 s sine or 3 s rect. pulse following any rated load condition and with rated v rrm applied 225 10 ms sine or 6 ms rect. pulse 35 non-repetitive avalanche energy e as t j = 25 c, i as = 1.0 a, l = 6 mh 3.0 mj repetitive avalanche current i ar current decaying linea rly to zero in 1 s frequency limited by t j maximum v a = 1.5 x v r typical 1.0 a
vs-11dq03, vs-11dq03-m3, vs-11dq04, vs-11dq04-m3 www.vishay.com vishay semiconductors revision: 21-sep-11 2 document number: 93205 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) pulse width < 300 s, duty cycle < 2 % note (1) thermal runaway condition for a diode on its own heatsink electrical specifications parameter symbol test conditions values units maximum forward voltage drop see fig. 1 v fm (1) 1 a t j = 25 c 0.55 v 2 a 0.71 1 a t j = 125 c 0.50 2 a 0.61 maximum reverse leakage current see fig. 2 i rm (1) t j = 25 c v r = rated v r 1.0 ma t j = 125 c 6.0 typical junction capacitance c t v r = 5 v dc (test signal range 100 khz to 1 mhz) 25 c 60 pf typical series inductance l s measured lead to lead 5 mm from package body 8.0 nh maximum voltage rate of change dv/dt rated v r 10 000 v/s thermal - mechanical specifications parameter symbol test conditions values units maximum junction and storage temperature range t j (1) , t stg - 40 to 150 c maximum thermal resistance, junction to ambient r thja dc operation without cooling fin 100 c/w typical thermal resistance, junction to lead r thjl dc operation see fig. 4 81 approximate weight 0.33 g 0.012 oz. marking device case style do-204al (do-41) 11dq03 11dq04 dp tot dt j ------------- 1 r thja -------------- <
vs-11dq03, vs-11dq03-m3, vs-11dq04, vs-11dq04-m3 www.vishay.com vishay semiconductors revision: 21-sep-11 3 document number: 93205 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 1 - maximum forward voltage drop characteristics fig. 2 - typical values of reverse current vs. reverse voltage fig. 3 - typical junc tion capacitance vs. reverse voltage fig. 4 - maximum allowable case temperature vs. average forward current fig. 5 - forward power loss characteristics fig. 6 - maximum non- repetitive surge current note (1) formula used: t c = t j - (pd + pd rev ) x r thjc ; pd = forward power loss = i f(av) x v fm at (i f(av) /d) (see fig. 6); pd rev = inverse power loss = v r1 x i r (1 - d); i r at v r1 = 80 % rated v r i f - instantaneous forward current (a) 93205_01 v fm - forward voltage drop (v) 0.1 1 10 0 0.3 0.6 0.9 1.2 1.5 t = 150 c t = 125 c t = 25 c i r - reverse current (ma) v r - reverse voltage (v) 93205_02 0.0001 0.001 0.01 0.1 1 10 100 0 10 20 30 40 t j = 150 c t j = 125 c t j = 25 c 10 100 0 10 20 30 40 50 t j = 25c c t - junction capacitance (pf) v r - reverse voltage (v) 93205_03 allowable case temperature (c) i f(av) - average forward current (a) 93205_04 0 30 60 90 120 150 0 0.3 0.6 0.9 1.2 1.5 dc s ee note (1) sq uare wave (d = 0.50) 80 % rated v r applied average forward current - i f(av) (a) average power loss (w) 93205_05 0 0.2 0.4 0.6 0.8 0 0.3 0.6 0.9 1.2 1.5 dc rm s limit d = 0.20 d = 0.25 d = 0.33 d = 0.50 d = 0.75 t p - square wave pulse duration (s) i fsm - non-repetitive surge current (a) 93205_06 10 100 1000 10 100 1000 10 000 at any rated load condition and with rated v rrm applied following s urge t j = 25 c
vs-11dq03, vs-11dq03-m3, vs-11dq04, vs-11dq04-m3 www.vishay.com vishay semiconductors revision: 21-sep-11 4 document number: 93205 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ordering information table ordering information (example) preferred p/n quantity per t/r minimum order quantity packaging description vs-11dq03 1000 1000 bulk vs-11dq03tr 5000 5000 tape and reel vs-11dq03-m3 1000 1000 bulk vs-11dq03tr-m3 5000 5000 tape and reel vs-11dq04 1000 1000 bulk VS-11DQ04TR 5000 5000 tape and reel vs-11dq04-m3 1000 1000 bulk VS-11DQ04TR-m3 5000 5000 tape and reel 1 - 11 = 1.1 a (axial and small packages - current is x 10) 2 - d = do-41 package 3 - q = schottky q.. series 4 - 04 = voltage ratings 5 - tr = tape and reel package none = bulk package 03 = 30 v 04 = 40 v device code 6 2 4 3 5 11 d q 04 tr vs- -m3 - vishay semiconductors product none = lead (pb)-free and rohs compliant -m3 = halogen-free, rohs compliant, and terminations lead (pb)-free - environmental digit 1 7 6 7 links to related documents dimensions www.vishay.com/doc?95241 part marking information www.vishay.com/doc?95304 packaging information www.vishay.com/doc?95338
outline dimensions www.vishay.com vishay semiconductors revision: 29-aug-11 1 document number: 95241 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 axial do-204al (do-41) dimensions in millimeters (inches) 2.70 (0.106) 2.29 (0.090) dia. 2.70 (0.106) 2.29 (0.090) dia. 0.86 (0.034) 0.72 (0.028) (2 places) 27.0 (1.06) min. (2 places) 5.21 (0.205) max. 5.21 (0.205) max. 27.0 (1.06) min. (2 places) 1.27 (0.050) max. flash (2 places) dia. 0.86 (0.034) 0.72 (0.028) (2 places) dia. cathode band
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of VS-11DQ04TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X